PART |
Description |
Maker |
HIN202A HIN232A |
RS-232 Transceiver, 2T/2R, 5V, 230kbps, 0.1F Capacitors, Icc=8mA RS-232 Transceiver, 2T/2R, 5V, 230kbps, 0.1F Capacitors, Icc=5mA
|
Intersil
|
ICL7611 ICL7611BCPA ICL7611DCBA ICL7611DCBA-T ICL7 |
Op Amp, CMOS, Rail-to-Rail I/O, Programmable Icc, 1.4MHz, Low Voltage 1-8Vdc, Low Bias 0.05nA Op Amp, CMOS, Rail-to-Rail Output, 1.4MHz, Low Voltage 1-8Vdc, Programmable Icc, Low Bias 0.05nA 1.4MHz, Low Power CMOS Operational Amplifiers From old datasheet system
|
INTERSIL[Intersil Corporation]
|
M51132FP M51132L M51132 |
800mW; V(cc): 15.5V; 40mA; 2-channel electronic volume balance. For audio-visual equipment 550mW; V(cc): 15.5V; 40mA; 2-channel electronic volume balance. For audio-visual equipment 2ch Electronic Volume Balance
|
Hitachi Semiconductor RENESAS[Renesas Electronics Corporation] RENESAS
|
HC-5504B04 |
EIA/ITU PABX SLIC with 40mA Loop Feed
|
Intersil Corporation
|
ZXTR2012P5 ZXTR2012P5-13 |
100V INPUT, 12V 40mA REGULATOR TRANSISTOR POWERDI?5
|
Diodes Incorporated
|
HC-5504 |
ITU Low Cost/ PABX SLIC With 40mA Loop Feed
|
Intersil Corporation
|
DL3149-070 |
Laser Diode, 5mW Power, 685nm Wave Length, 40mA Current
|
Sanyo Semiconductor
|
X2784AG-08TT I2781A-08SR I2781A-08ST I2781A-08TR I |
PS MEDICAL SWITCHER 15V .73A 156 MHz, OTHER CLOCK GENERATOR, PDSO8 General Purpose EMI Reduction IC 156 MHz, OTHER CLOCK GENERATOR, PDSO8 General Purpose EMI Reduction IC 312 MHz, OTHER CLOCK GENERATOR, PDSO8 General Purpose EMI Reduction IC 78 MHz, OTHER CLOCK GENERATOR, PDSO8 PS LINEAR DUAL 5V@6A 9-15@2.5A ICs for Inductive Proximity Switches; Package: P-DSO-14; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 0.9 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC; ICs for Inductive Proximity Switches; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 0.9 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC; ICs for Inductive Proximity Switches; Package: P-DSO-8; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 1.0 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC; ICs for Inductive Proximity Switches; Package: P-DSO-8; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 1.0 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC;
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] http://
|
MTC16 74AC138_03 74AC138MTC 74AC138PC 74AC138SC 74 |
1-of-8 Decoder/Demultiplexer; Package: SOIC; No of Pins: 16; Container: Tape & Reel AC SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, PDSO16 ICC reduced by 50%, Demultiplexing capability, Multiple input enable for easy expansion
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AN7420 AN7420N |
V(cc): 12V; 40mA; 500mW; FM stereo multiplex demodulator From old datasheet system IC,RADIO RECEIVER CKT,FM,BIPOLAR,SIP,9PIN,PLASTIC
|
Panasonic Matsushita Electric Industrial Co Ltd
|
QT320-D QT320-IS |
0.5-6.0V; 40mA; 2-channel programmable advanced sensor IC. For fluid level sensors, prox sensors, moisture detection, position sensing, transducer driver and material sensors
|
Quantum Research Group ltd
|
|